Part Number Hot Search : 
1N474 7N60K 62LV256 03203 IDT74 MX315 MA4ST554 EG21SR
Product Description
Full Text Search
 

To Download BF2030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF 2030
Silicon N-Channel MOSFET Tetrode Preliminary data * For low noise, high gain controlled input stages up to 1GHz * Operating voltage 5V
3 4 2 1
VPS05178
ESD: Electrostatic discharge sensitive device, observe handling precaution
Type BF 2030
Marking Ordering Code NEs Q62702-F1773
Pin Configuration 1=S 2=D 3 = G2 4 = G1
Package SOT-143
Maximum Ratings Parameter Drain-source voltage Continuos drain current Gate 1/gate 2 peak source current Gate 1 (external biasing) Total power dissipation, T S = 76 C Storage temperature Channel temperature Symbol Value 14 40 10 7 200 -55 ...+150 150 V mW C Unit V mA
VDS ID
I G1/2SM +VG1SE
Ptot T stg T ch
Thermal Resistance Channel - soldering point
Rthchs
370
K/W
Semiconductor Group Semiconductor Group
11
Mar-16-1998 1998-11-01
BF 2030
Electrical Characteristics at TA = 25C, unless otherwise specified. Symbol Values Parameter min. DC characteristics Drain-source breakdown voltage typ. 12 8.5 8.5 max. 50 50 12 0.8 0.7 -
Unit
V(BR)DS
+V(BR)G1SS +V(BR)G2SS +I G1SS +I G2SS
0.3 0.3
V
I D = 650 A, -V G1S = 4 V, - V G2S = 4 V Gate 1 - source breakdown voltage
+I G1S = 10 mA, V G2S = 0 V, V DS = 0 V Gate 2 - source breakdown voltage I G2S = 10 mA, V G1S = V DS = 0 Gate 1 source current
V nA
VG1S = 6 V, V G2S = 0 V
Gate 2 source leakage current
VG2S = 8 V, V G1S = 0 V, V DS = 0 V
Drain current
I DSS I DSX VG2S(p) VG1S(p)
A mA V
VDS = 5 V, V G1S = 0 , V G2S = 4.5 V Drain-source current VDS = 5 V, V G2S = 4.5 , RG1 = 20 k
Gate 2-source pinch-off voltage
VDS = 5 V, ID = 100 A
Gate 1-source pinch-off voltage
VDS = 5 V, V G2S = 4 V, I D = 200 A
AC characteristics Forward transconductance
g fs
-
31
-
mS
VDS = 5 V, ID = 10 mA, V G2S = 4 V, f = 1 kHz
Gate 1 input capacitance
Cg1ss
-
3
-
pF
VDS = 5 V, ID = 10 mA, V G2S = 4 V, f = 1 MHz
Output capacitance
Cdss
-
2.1
-
VDS = 5 V, ID = 10 mA, V G2S = 4 V, f = 1 MHz
Noise figure
F
-
2
-
dB
VDS = 5 V, ID = 10 mA, f = 800 MHz
Semiconductor Group Semiconductor Group 22
Mar-16-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BF2030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X